Part Number Hot Search : 
MMBZ5257 FT0407MD 89HPE SFT6340 AZ920 YA868C15 N431K 95PF80
Product Description
Full Text Search
 

To Download IN74HC4052AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HC4052A
Analog Multiplexer/Demultiplexer
High-Performance Silicon-Gate CMOS
The IN74HC4052A utilise silicon-gate CMOS technology to achieve fast propagation delays, low ON resistances, and low OFF leakage currents. These analog multiplexers/demultiplexers control analog voltages that may vary across the complete power supply range (from VCC to VEE). The Channel-Select inputs determine which one of the Analog Inputs/Outputs is to be connected, by means of an analog switch, to the Common Output/Input. When the Enable pin is high, all analog switches are turned off. The Channel-Select and Enable inputs are compatible with standard CMOS outputs; with pull-up resistors, they are compatible with LS/ALS TTL outputs. * Fast Switching and Propagation Speeds * Low Crosstalk Between Switches * Diode Protection on All Inputs/Outputs * Analog Power Supply Range (VCC-VEE) = 2.0 to 12.0 V * Digital (Control) Power Supply Range (VCC-GND) = 2.0 to 6.0 V * Low Noise
16 1 16 1 D SUFFIX SOIC
ORDERING INFORMATION IN74HC4052AN Plastic DIP IN74HC4052AD SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
Double-Pole, 4-Position Plus Common Off
FUNCTION TABLE
Control Inputs Enable B L L L PIN 16 =VCC PIN 7 = VEE PIN 8 = GND L L L H H Select A L H L H X Y0 Y1 Y2 Y3 X0 X1 X2 X3 None ON Channels
H X H = high level L = low level X = don't care
Rev. 00
IN74HC4052A
MAXIMUM RATINGS*
Symbol VCC VEE VIS VIN I PD Tstg TL
*
Parameter Positive DC Supply Voltage (Referenced to GND) (Referenced to VEE) Negative DC Supply Voltage (Referenced to GND) Analog Input Voltage Digital Input Voltage (Referenced to GND) DC Input Current Into or Out of Any Pin Power Dissipation in Still Air, Plastic DIP+ SO Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SO Package)
Value -0.5 to +7.0 -0.5 to +14.0 -7.0 to +0.5 VEE - 0.5 to VCC+0.5 -1.5 to VCC +1.5 25 750 500 -65 to +150 260
Unit V V V V mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SO Package: - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VEE VIS VIN VIO TA tr, tf
*
Parameter Positive Supply Voltage (Referenced to GND) (Referenced to VEE) Negative DC Supply Voltage (Referenced to GND) Analog Input Voltage Digital Input Voltage (Referenced to GND) Static or Dynamic Voltage Across Switch Operating Temperature, All Package Types Input Rise and Fall Time (Channel Select or Enable Inputs) (Figure 5) VCC =2.0 V VCC =4.5 V VCC =6.0 V
Min 2.0 2.0 - 6.0 VEE GND -55 0 0 0
Max 6.0 12.0 GND VCC VCC 1.2 +125 1000 500 400
Unit V V V V V C ns
*
For voltage drops across the switch greater than 1.2 V (switch on), excessive VCC current may be drawn; i. e., the current out of the switch may contain both VCC and switch input components. The reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range indicated in the Recommended Operating Conditions.. Unused digital input pins must be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused Analog I/O pins may be left open or terminated.
Rev. 00
IN74HC4052A
DC ELECTRICAL CHARACTERISTICS Digital Section (Voltages Referenced to GND) VEE=GND,
Except Where Noted VCC Symbol VIH Parameter Minimum High-Level Input Voltage, Channel-Select or Enable Inputs Maximum Low -Level Input Voltage, Channel-Select or Enable Inputs Maximum Input Leakage Current, Channel-Select or Enable Inputs Maximum Quiescent Supply Current (per Package) Test Conditions RON = Per Spec V 2.0 4.5 6.0 2.0 4.5 6.0 6.0 Guaranteed Limit -55 C to 25C 1.5 3.15 4.2 0.3 0.9 1.2 0.1 85 C 1.5 3.15 4.2 0.3 0.9 1.2 1.0 125 C 1.5 3.15 4.2 0.3 0.9 1.2 1.0 Unit V
VIL
RON = Per Spec
V
IIN
VIN=VCC or GND, VEE=-6.0 V
A
ICC
Channel Select = VCC or GND Enable = VCC or GND VIS = VCC or GND VEE = GND VIO= 0 V VEE = -6.0 V
A
6.0 6.0
2 8
20 80
40 160
DC ELECTRICAL CHARACTERISTICS Analog Section
VCC Symbol RON Parameter Maximum "ON" Resistance Test Conditions VIN=VIL or VIH VIS = VCC to VEE IS 2.0 mA VIN=VIL or VIH VIS = VCC or VEE (Endpoints) IS 2.0 mA RON Maximum Difference in "ON" Resistance Between Any Two Channels in the Same Package Maximum Off- Channel Leakage Current, Any One Channel Maximum Off- Channel Leakage Current, Common Channel ION Maximum On- Channel Leakage Current, Channel to Channel VIN=VIL or VIH VIS = 1/2 (VCC- VEE) IS 2.0 mA VIN=VIL or VIH VIO = VCC- VEE Switch Off VIN=VIL or VIH VIO= VCC- VEE Switch Off VIN=VIL or VIH Switch to Switch = VCC- VEE V 4.5 4.5 6.0 4.5 4.5 6.0 4.5 4.5 6.0 6.0 VEE V 0.0 -4.5 -6.0 0.0 -4.5 -6.0 0.0 -4.5 -6.0 -6.0 Guaranteed Limit 25 C to -55C 190 120 100 150 100 80 30 12 10 0.1 85 C 240 150 125 190 125 100 35 15 12 0.5 125 C 280 170 140 230 140 115 40 18 14 1.0 Unit
IOFF
A
6.0
-6.0
0.1
1.0
2.0
6.0
-6.0
0.1
1.0
2.0
A
Rev. 00
IN74HC4052A
AC ELECTRICAL CHARACTERISTICS(CL=50pF, Input tr=tf=6.0 ns)
VCC Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Channel-Select to Analog Output (Figures 1 and 2) Maximum Propagation Delay , Analog Input to Analog Output (Figures 3 and 4) Maximum Propagation Delay , Enable to Analog Output (Figures 5 and 6) Maximum Propagation Delay , Enable to Analog Output (Figures 5 and 6) Maximum Propagation Delay, Channel-Select to Analog Input (Figures 5 and 6) Maximum Input Capacitance, Channel-Select or Enable Inputs Maximum Capacitance Analog I/O Common O/I Feedthrough Power Dissipation Capacitance (Per Package) CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC All Switches Off 80 1.0 80 1.0 80 1.0 V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Guaranteed Limit 25 C to -55C 370 74 63 60 12 10 290 58 49 345 69 59 370 74 63 10 35 85C 465 93 79 75 15 13 364 73 62 435 87 74 465 93 79 10 35 125C 550 110 94 90 18 15 430 86 73 515 103 87 550 110 94 10 35 Unit ns
tPLH, tPHL
ns
tPLZ, tPHZ
ns
tPZL, tPZH
ns
tPLZ, tPHZ, tPZL, tPZH CIN CI/O
ns
pF pF
Typical @25C,VCC=5.0 V, VEE=0 V 80 pF
Rev. 00
IN74HC4052A
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0.0 V)
Symbol BBW Parameter Maximum OnChannel Bandwidth or Minimum Frequency Response Off-Channel Feedthrough Isolation Test Conditions fin =1 MHz Sine Wave Adjust fin Voltage to Obtain 0 dBm at VOS Increase fin Frequency Until dB Meter Reads -3 dB RL =50 , CL=10 pF fin = Sine Wave Adjust fin Voltage to Obtain 0 dBm at VIS fin = 10 kHz, RL =600 , CL=50 pF VCC V VEE V Limit 25 C MHz 2.25 4.50 6.00 -2.25 -4.50 -6.00 95 95 95 dB 2.25 4.50 6.00 2.25 4.50 6.00 -2.25 -4.50 -6.00 -2.25 -4.50 -6.00 -50 -50 -50 -40 -40 -40 mVpp Unit
KDoff
fin = 1.0 MHz, RL =50 , CL=10 pF
VAO/I
Feedthrough Noise, Channel Select Input to Common O/I
fin 1 MHz Square Wave (tr = tf = 6 ns) Adjust RL at Setup so that IS= 0 A Enable = GND RL =600 , CL=50 pF
2.25 4.50 6.00 2.25 4.50 6.00
-2.25 -4.50 -6.00 -2.25 -4.50 -6.00
25 105 135 35 145 190 dB
RL =10 , CL=10 pF
KDon
Crosstalk Between Any Two Switches
fin= Sine Wave Adjust fin Voltage to Obtain 0 dBm at VIS fin = 10 kHz, RL =600 , CL=50 pF
2.25 4.50 6.00 2.25 4.50 6.00
-2.25 -4.50 -6.00 -2.25 -4.50 -6.00
-50 -50 -50 -60 -60 -60 %
fin = 1 MHz, RL =50 , CL=10 pF
THD
Total Harmonic Distortion
fin= 1 kHz, RL =10 k, CL=50 pF THD = THDMeasured - THDSource VIS =4.0 VPP sine wave VIS =8.0 VPP sine wave VIS =11.0 VPP sine wave
2.25 4.50 6.00
-2.25 -4.50 -6.00
0.10 0.08 0.05
Rev. 00
IN74HC4052A
* Includes all probe and jig capacitance. Figure 1. Switching Waveforms Figure 2. Test Set-UP, Channel Select to Analog Out
* Includes all probe and jig capacitance. Figure 3. Switching Waveforms Figure 4. Test Set-UP, Analog In to Analog Out
Figure 5. Switching Waveforms
Figure 6. Test Set-UP, Enable to Analog Out
Rev. 00
IN74HC4052A
EXPANDED LOGIC DIAGRAM
Rev. 00
IN74HC4052A
N SUFFIX PLASTIC DIP (MS - 001BB)
A
Dimension, mm
16 9 B
Symbol A
MIN 18.67 6.1
MAX 19.69 7.11 5.33
1
8
B C
F L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC) Dimension, mm
A 16 9
Symbol A
MIN 9.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 10 4 1.75 0.51 1.27
H
B
P
B C
1
G
8 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
Rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC4052AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X